Part Number Hot Search : 
AM29F TA1634A TC74AC 390502 BD4852 MP2490DS B200C TC4028BF
Product Description
Full Text Search
 

To Download FRB2504 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Micro Commercial Components
TM
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
FRB2504
Features
* * * * * High Current(IF(AV)=25A) Low VF for Forward Conduction Losses Glass Passivated Junction Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Marking:FRB2504
Fast Recovery Rectifier
D2-PACK
S A V
Surface Mount
25 Amp
MAXIMUM RATINGS
Rating Peak Repetitive Reverse Voltage Working Peak Rversr Voltage DC Blocking Voltage Average Rectified Forword Current(TC=100 Non-Repetitive Peak Forward Surge Current Operating Junction and Storage Temperature Range ) Symbol VRRM Value 400 Units V
1
VRRM VDC IF(AV)
400 400 25
V V
D
G
2 3
4
B
A
C H
IFSM 7-7VWJ
280
A
J E K 1 3
WR
2 4
NOTE
THERMAL CHARACTERISTICS
Rating Thermal Resistance Junction To Case Symbol RthJC Value 1 Units /watt
DIM A B C D E G H J K S V
ELECTRICAL CHARACTERISTICS
Parameter
Forward voltage(Note 1) Reverse Leakage Current Reverse Recovery Time
(TJ = 25C unless otherwise noted)
Typical
1.17 1.35 -110
Symbol
VF IR Trr
Conditions
IF=25A IF=50A VR=400V IF=0.5A,IR=1.0A IRR=0.25A
Max
1.3
Units
V
DIMENSIONS INCHES MM MIN MAX MIN MAX .320 .359 8.13 9.14 .380 .411 9.65 10.45 .160 .190 4.06 4.83 .020 .035 0.51 0.89 .045 .055 1.14 1.40 .095 .105 2.41 2.67 .096 .120 2.43 3.03 .014 .021 0.35 0.53 .090 .110 2.29 2.79 .575 .625 14.60 15.80 .045 .055 1.14 1.40
SUGGESTED SOLDER PAD LAYOUT
.740 18.79 .065 1.65
1.5 10 250 uA ns
.420 10.66
Inches mm
.070
1.78 .120 3.05 .330 8.38
Note 1. Short duration pulse to minimize self-heating
Revision: 2
www.mccsemi.com
1 of 3
2006/12/08
FRB2504
MCC
Micro Commercial Components
TM
TYPICAL CHARACTERISTICS (T = 25C unless otherwise noted)
100
100.00 TJ = 150 C
Forward Current, IF (A)
TJ = 150 C 10 TJ = 75 C
Reverse Current, I R (uA)
10.00
1.00
TJ = 75 C
1 TJ = 25 C 0.1 0.0 0.5 1.0 1.5 2.0 Forw ard Voltage, V F (V)
0.10 TJ = 25 C 0.01 0 100 200 300 400 500 Reverse Voltage, V R (V)
Figure 1. Typical Forward Characteristics
60
Figure 2. Typical Reverse Characteristics
1000
DC
Average Forward Current, IFAV (A) 50
f =1.0MHz
40
Resistive Load
30
Capacitance, C (pF
100 120 140 160
100
Square Wave
20
10
0 0 20 40 60 80 Case Temperature, TC (C)
10 0.1 1 10 100 Reverse Voltage, V R (V)
Figure 3. Current Derating Curves
Figure 4. Typical Capacitance
Revision: 2
www.mccsemi.com
2 of 3
2006/12/08
MCC
TM
Micro Commercial Components
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 2
3 of 3
2006/12/08


▲Up To Search▲   

 
Price & Availability of FRB2504

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X